Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB24N65M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB24N65M2
Description  Extremely low gate charge
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24N65M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB24N65M2 Datasheet HTML 1Page - STMicroelectronics STB24N65M2 Datasheet HTML 2Page - STMicroelectronics STB24N65M2 Datasheet HTML 3Page - STMicroelectronics STB24N65M2 Datasheet HTML 4Page - STMicroelectronics STB24N65M2 Datasheet HTML 5Page - STMicroelectronics STB24N65M2 Datasheet HTML 6Page - STMicroelectronics STB24N65M2 Datasheet HTML 7Page - STMicroelectronics STB24N65M2 Datasheet HTML 8Page - STMicroelectronics STB24N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
November 2014
DocID026475 Rev 2
1/20
This is information on a product in full production.
www.st.com
STB24N65M2, STF24N65M2,
STP24N65M2
N-
channel 650 V, 0.185 Ω typ., 16 A MDmesh M2
Power MOSFET in D2PAK, TO-220FP and TO-220 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order codes
VDS
RDS(on) max
ID
STB24N65M2
650 V
0.23 Ω
16 A
STF24N65M2
STP24N65M2
Extremely low gate charge
Excellent output capacitance (Coss) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, the devices exhibit low on-resistance
and optimized switching characteristics,
rendering them suitable for the most demanding
high efficiency converters.
Table 1: Device summary
Order codes
Marking
Package
Packaging
STB24N65M2
24N65M2
D2PAK
Tape and
reel
STF24N65M2
TO-220FP
Tube
STP24N65M2
TO-220


Similar Part No. - STB24N65M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB24N65M2 ISC-STB24N65M2 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB24N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
Extremely low gate charge
01-Dec-2015
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
14-Mar-2017
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
Extremely low gate charge
June 2013 Rev 1
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
Extremely low gate charge
16-May-2014
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
Extremely low gate charge
15-Jun-2016
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
Extremely low gate charge
07-Aug-2014
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
Extremely low gate charge
26-Jan-2015
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
Extremely low gate charge
18-Dec-2014
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
Extremely low gate charge
27-Jan-2016
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
Extremely low gate charge
December 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com