Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP24N65M2
Description  Extremely low gate charge
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP24N65M2 Datasheet HTML 2Page - STMicroelectronics STP24N65M2 Datasheet HTML 3Page - STMicroelectronics STP24N65M2 Datasheet HTML 4Page - STMicroelectronics STP24N65M2 Datasheet HTML 5Page - STMicroelectronics STP24N65M2 Datasheet HTML 6Page - STMicroelectronics STP24N65M2 Datasheet HTML 7Page - STMicroelectronics STP24N65M2 Datasheet HTML 8Page - STMicroelectronics STP24N65M2 Datasheet HTML 9Page - STMicroelectronics STP24N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STB24N65M2, STF24N65M2, STP24N65M2
6/20
DocID026475 Rev 2
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area for D2PAK and
TO-220
Figure 3: Thermal impedance for D2PAK and
TO-220
Figure 4: Safe operating area for TO-220FP
Figure 5: Thermal impedance for TO-220FP
Figure 6: Output characteristics
Figure 7: Transfer characteristics
ID
10
5
0
VDS(V)
4
(A)
0
VGS= 7, 8, 9, 10 V
6V
5V
4V
8
15
20
25
12
16
20
24
28
30
35
GIPD180920141533FSR
ID
10
5
0
VGS(V)
2
(A)
0
VDS= 20 V
4
15
20
25
6
8
30
35
GIPD180920141600FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com