Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28NM60ND Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF28NM60ND
Description  N-channel 600 V, 0.13 Ω typ., 23 A FDmesh™ II Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF28NM60ND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF28NM60ND Datasheet HTML 3Page - STMicroelectronics STF28NM60ND Datasheet HTML 4Page - STMicroelectronics STF28NM60ND Datasheet HTML 5Page - STMicroelectronics STF28NM60ND Datasheet HTML 6Page - STMicroelectronics STF28NM60ND Datasheet HTML 7Page - STMicroelectronics STF28NM60ND Datasheet HTML 8Page - STMicroelectronics STF28NM60ND Datasheet HTML 9Page - STMicroelectronics STF28NM60ND Datasheet HTML 10Page - STMicroelectronics STF28NM60ND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024520 Rev 3
7/22
STB28NM60ND, STF28NM60ND, STP28NM60ND, STW28NM60ND
Electrical characteristics
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
5V
6V
VGS=10V
20
40
60
7V
8V
9V
20
AM16041v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
10
30
50
VDS=19V
AM16042v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
60
8
30
40
10
VDD=480V
ID=23A
12
300
200
100
0
400
500
VDS
10
50
VDS
(V)
70
AM16043v1
RDS(on)
0.126
0.124
0.122
0
10
ID(A)
(
Ω)
5
15
0.128
VGS=10V
20
0.130
0.132
0.134
0.136
AM16044v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
10000
AM16045v1
Eoss
4
2
0
0
100
VDS(V)
(µJ)
400
200
300
6
500
600
8
10
12
AM16046v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com