Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL880 Datasheet(PDF) 71 Page - Micronas

Part # HAL880
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 71 Page - Micronas

Back Button HAL880 Datasheet HTML 67Page - Micronas HAL880 Datasheet HTML 68Page - Micronas HAL880 Datasheet HTML 69Page - Micronas HAL880 Datasheet HTML 70Page - Micronas HAL880 Datasheet HTML 71Page - Micronas HAL880 Datasheet HTML 72Page - Micronas HAL880 Datasheet HTML 73Page - Micronas HAL880 Datasheet HTML 74Page - Micronas HAL880 Datasheet HTML 75Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
71
6.3.3.
Telegram Codes
Sync Bit
Each telegram starts with the Sync bit. This logical “0” pulse defines the exact timing for
tp0.
Command Bits (COM)
The Command code contains 3 bits and is a binary number. Table 6–4 shows the avail-
able commands and the corresponding codes for the HAL855.
Command Parity Bit
(CP)
This parity bit is “1” if the number of zeros within the 3 command bits is uneven. The
parity bit is “0”, if the number of zeros is even.
Address Bits (ADR)
The Address code contains 4 bits and is a binary number. Table 6–5 shows the avail-
able addresses for the HAL855 registers.
Address Parity Bit (AP)
This parity bit is “1” if the number of zeros within the 4 address bits is uneven. The par-
ity bit is “0” if the number of zeros is even.
Data Bits (DAT)
The 14 Data bits contain the register information.
The registers use different number formats for the Data bits. These formats are
explained in Section 6.3.4
In the Write command, the last bits are valid. If, for example, the TC register (6 bits) is
written, only the last 6 bits are valid.
In the Read command, the first bits are valid. If, for example, the TC register (6 bits) is
read, only the first 6 bits are valid.
Data Parity Bit (DP)
This parity bit is “1” if the number of zeros within the binary number is even. The parity
bit is “0” if the number of zeros is uneven.
Acknowledge
After each telegram, the output answers with the Acknowledge signal. This logical “0”
pulse defines the exact timing for tpOUT.
Table 6–4:
Available commands
Command
Code
Explanation
READ
0
read a Setup EEPROM register (like TC, TCSQ, magnetic range, etc.)
READL
6
read a Characteristics EEPROM register (setpoints 0 to 15)
READH
7
read a Characteristics EEPROM register (setpoints 16 to 31)
WRITE
3
write a Setup EEPROM register (like TC, TCSQ, Magnetic range, etc.)
WRITEL
1
write a Characteristics EEPROM register (setpoints 0 to 15)
WRITEH
2
write a Characteristics EEPROM register (setpoints 16 to 31)
PROM
4
program all non-volatile registers
ERASE
5
erase all non-volatile registers
Please note: The Lock bit is set by using the WRITE command followed by a PROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com