Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100N6F7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB100N6F7
Description  N-channel 60 V, 4.7 mΩ typ.,100 A STripFET™ F7 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100N6F7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB100N6F7 Datasheet HTML 7Page - STMicroelectronics STB100N6F7 Datasheet HTML 8Page - STMicroelectronics STB100N6F7 Datasheet HTML 9Page - STMicroelectronics STB100N6F7 Datasheet HTML 10Page - STMicroelectronics STB100N6F7 Datasheet HTML 11Page - STMicroelectronics STB100N6F7 Datasheet HTML 12Page - STMicroelectronics STB100N6F7 Datasheet HTML 13Page - STMicroelectronics STB100N6F7 Datasheet HTML 14Page - STMicroelectronics STB100N6F7 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STB100N6F7
14/15
DocID027210 Rev 2
6
Revision history
Table 10. Document revision history
Date
Revision
Changes
26-Nov-2014
1
First release.
14-Jan-2015
2
Text amendments throughout document
On cover page:
Changed title description
Changed features and descriptions
Updated Table 2: Absolute maximum ratings
Updated Table 4: On/off states
Updated Table 5: Dynamic
Updated Table 6: Switching times
Updated Table 7: Source drain diode
Added Section 2.1: Electrical characteristics (curves)
Updated Section 4: Package mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com