Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDLED627 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDLED627
Description  N-channel 620 V, 0.95 Ω, 7.0 A Power MOSFET in D2PAK and in DPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED627 Datasheet(HTML) 3 Page - STMicroelectronics

  STDLED627 Datasheet HTML 1Page - STMicroelectronics STDLED627 Datasheet HTML 2Page - STMicroelectronics STDLED627 Datasheet HTML 3Page - STMicroelectronics STDLED627 Datasheet HTML 4Page - STMicroelectronics STDLED627 Datasheet HTML 5Page - STMicroelectronics STDLED627 Datasheet HTML 6Page - STMicroelectronics STDLED627 Datasheet HTML 7Page - STMicroelectronics STDLED627 Datasheet HTML 8Page - STMicroelectronics STDLED627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID025173 Rev 1
3/18
STBLED627, STDLED627
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK
DPAK
VDS
Drain-source voltage
620
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
7.0
A
ID
Drain current (continuous) at TC = 100 °C
4.0
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
28
A
PTOT
Total dissipation at TC = 25 °C
90
W
IAR
(2)
2.
Pulse width limited by Tj max.
Avalanche current, repetitive or not-repetitive
5.5
A
EAS
(3)
3.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V.
Single pulse avalanche energy
140
mJ
ESD
Gate-source human body model
(R =1.5 k
Ω, C = 100 pF)
2.5
kV
dv/dt(4)
4.
ISD ≤ 5.5 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
D²PAK
DPAK
Unit
Rthj-case Thermal resistance junction-case max.
1.39
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance junction-pcb max.
30
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com