Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU5N60M2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STU5N60M2
Description  Extremely low gate charge
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU5N60M2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STU5N60M2 Datasheet HTML 14Page - STMicroelectronics STU5N60M2 Datasheet HTML 15Page - STMicroelectronics STU5N60M2 Datasheet HTML 16Page - STMicroelectronics STU5N60M2 Datasheet HTML 17Page - STMicroelectronics STU5N60M2 Datasheet HTML 18Page - STMicroelectronics STU5N60M2 Datasheet HTML 19Page - STMicroelectronics STU5N60M2 Datasheet HTML 20Page - STMicroelectronics STU5N60M2 Datasheet HTML 21Page - STMicroelectronics STU5N60M2 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package information
STD5N60M2, STP5N60M2, STU5N60M2
20/22
DocID025318 Rev 4
Table 13: IPAK (TO-251) type C package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.30
2.35
A1
0.90
1.00
1.10
b
0.66
0.79
b2
0.90
b4
5.23
5.33
5.43
c
0.46
0.59
c2
0.46
0.59
D
6.00
6.10
6.20
D1
5.20
5.37
5.55
E
6.50
6.60
6.70
E1
4.60
4.78
4.95
e
2.20
2.25
2.30
e1
4.40
4.50
4.60
H
16.18
16.48
16.78
L
9.00
9.30
9.60
L1
0.90
1.00
1.20
L2
0.90
1.08
1.25
θ1
3°
5°
7°
θ2
1°
3°
5°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com