Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD7N65M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD7N65M2
Description  Extremely low gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7N65M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD7N65M2 Datasheet HTML 6Page - STMicroelectronics STD7N65M2 Datasheet HTML 7Page - STMicroelectronics STD7N65M2 Datasheet HTML 8Page - STMicroelectronics STD7N65M2 Datasheet HTML 9Page - STMicroelectronics STD7N65M2 Datasheet HTML 10Page - STMicroelectronics STD7N65M2 Datasheet HTML 11Page - STMicroelectronics STD7N65M2 Datasheet HTML 12Page - STMicroelectronics STD7N65M2 Datasheet HTML 13Page - STMicroelectronics STD7N65M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package information
STD7N65M2
10/17
DocID026787 Rev 2
Table 9. DPAK (TO-252) type A package mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
4.95
5.10
5.25
E6.40
6.60
E1
4.60
4.70
4.80
e
2.162.282.40
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com