Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF9N65M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF9N65M2
Description  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF9N65M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF9N65M2 Datasheet HTML 3Page - STMicroelectronics STF9N65M2 Datasheet HTML 4Page - STMicroelectronics STF9N65M2 Datasheet HTML 5Page - STMicroelectronics STF9N65M2 Datasheet HTML 6Page - STMicroelectronics STF9N65M2 Datasheet HTML 7Page - STMicroelectronics STF9N65M2 Datasheet HTML 8Page - STMicroelectronics STF9N65M2 Datasheet HTML 9Page - STMicroelectronics STF9N65M2 Datasheet HTML 10Page - STMicroelectronics STF9N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID025975 Rev 2
7/23
STD9N65M2, STF9N65M2, STP9N65M2, STU9N65M2
Electrical characteristics
23
Figure 8. Output characteristics
Figure 9. Transfer characteristics
ID
10
6
2
0
0
5
VDS(V)
10
(A)
15
4V
5V
VGS=8, 9, 10V
4
8
12
20
6V
7V
25
30
AM18059v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
8
VDS=20V
10
AM18060v1
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
VGS
6
4
2
0
0
4
Qg(nC)
(V)
8
6
8
10
VDD=520V
ID=5A
300
200
100
0
400
500
VDS
2
10
VDS
(V)
AM18061v1
RDS(on)
0.780
0.770
0.760
0
2
ID(A)
(
Ω)
1
3
0.790
VGS=10V
4
5
0.800
0.810
0.820
0.830
AM18062v1
Figure 12. Capacitance variations
Figure 13. Output capacitance stored energy
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM18063v1
Eoss
1
0.5
0
0
100
VDS(V)
(
µJ)
400
200 300
1.5
500
600
2
2.5
AM18064v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com