Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF11N50M2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STF11N50M2
Description  Low gate input resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N50M2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STF11N50M2 Datasheet HTML 8Page - STMicroelectronics STF11N50M2 Datasheet HTML 9Page - STMicroelectronics STF11N50M2 Datasheet HTML 10Page - STMicroelectronics STF11N50M2 Datasheet HTML 11Page - STMicroelectronics STF11N50M2 Datasheet HTML 12Page - STMicroelectronics STF11N50M2 Datasheet HTML 13Page - STMicroelectronics STF11N50M2 Datasheet HTML 14Page - STMicroelectronics STF11N50M2 Datasheet HTML 15Page - STMicroelectronics STF11N50M2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Package mechanical data
STD11N50M2, STF11N50M2
12/19
DocID025909 Rev 2
Table 9. DPAK (TO-252) type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
5.10
E6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
(L1)
2.80
L2
0.80
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com