Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU9N65M2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STU9N65M2
Description  Extremely low gate charge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9N65M2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STU9N65M2 Datasheet HTML 15Page - STMicroelectronics STU9N65M2 Datasheet HTML 16Page - STMicroelectronics STU9N65M2 Datasheet HTML 17Page - STMicroelectronics STU9N65M2 Datasheet HTML 18Page - STMicroelectronics STU9N65M2 Datasheet HTML 19Page - STMicroelectronics STU9N65M2 Datasheet HTML 20Page - STMicroelectronics STU9N65M2 Datasheet HTML 21Page - STMicroelectronics STU9N65M2 Datasheet HTML 22Page - STMicroelectronics STU9N65M2 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID025975 Rev 2
21/23
STD9N65M2, STF9N65M2, STP9N65M2, STU9N65M2
Packaging mechanical data
23
Figure 30. Reel for DPAK (TO-252)
Table 13. DPAK (TO-252) tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E
1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R40
T
0.25
0.35
W
15.7
16.3
A
D
B
Full radius
G measured at hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At slot location
T
Tape slot
in core for
tape start 25 mm min.
width
AM08851v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com