Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD16N50M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD16N50M2
Description  Extremely low gate charge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16N50M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD16N50M2 Datasheet HTML 4Page - STMicroelectronics STD16N50M2 Datasheet HTML 5Page - STMicroelectronics STD16N50M2 Datasheet HTML 6Page - STMicroelectronics STD16N50M2 Datasheet HTML 7Page - STMicroelectronics STD16N50M2 Datasheet HTML 8Page - STMicroelectronics STD16N50M2 Datasheet HTML 9Page - STMicroelectronics STD16N50M2 Datasheet HTML 10Page - STMicroelectronics STD16N50M2 Datasheet HTML 11Page - STMicroelectronics STD16N50M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STD16N50M2, STF16N50M2, STP16N50M2
8/21
DocID026641 Rev 5
Figure 14: Static drain-source on-resistance
Figure 15: Normalized on-resistance vs. temperature
Figure 16: Output capacitance stored energy
Figure 17: Source- drain diode forward
characteristics
RDS(on)
0.230
0
2
ID(A)
(Ω)
0.240
VGS=10V
4
0.250
10
8
6
12
GIPG2606141319LM
RDS(on)
1.8
1
0.6
0.2
-75
TJ(°C)
(norm)
-25
75
25
125
1.4
2.2
VGS=10V
GIPG2606141410LM
Eoss
2
1
0
0
100
VDS(V)
(µJ)
400
200
300
3
500
4
GIPG26067141339LM
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.5
0.6
0.7
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
1
1.2
12
0.9
GIPG2606141300LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com