Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD35P6LLF6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STD35P6LLF6
Description  P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35P6LLF6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STD35P6LLF6 Datasheet HTML 8Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 9Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 10Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 11Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 12Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 13Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 14Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 15Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STD35P6LLF6
Revision history
DocID025600 Rev 3
15/16
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
11-Dec-2013
1
First release.
24-Feb-2015
2
In title description on cover page, changed 0.02 Ω to 0.023 Ω
In
features table on cover page, changed 0.028 Ω to 0.026 Ω
Updated Table 2: Absolute maximum ratings
Updated Table 4: Static
– renamed table and updated Static
drainsource on-resistance values
Updated Table 5: Dynamic
– test conditions and all typical values
Updated Table 6: Switching times
– test conditions and all typical
values
Updated Table 7: Source-drain diode
– test conditions and all
typical values
Added Section 2.2: Electrical characteristics (curves)
Updated Section 4: Package mechanical data Minor text changes
03-Apr-2017
3
Updated VSD maximum value in Table 7: "Source drain diode".
Updated Section 4.1: "DPAK package information"
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com