Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD36P4LLF6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD36P4LLF6
Description  P-channel 40 V, 0.0175 Ω typ.,36 A, STripFET™F6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD36P4LLF6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD36P4LLF6 Datasheet HTML 1Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 2Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 3Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 4Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 5Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 6Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 7Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 8Page - STMicroelectronics STD36P4LLF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2015
DocID025616 Rev 2
1/16
This is information on a product in full production.
www.st.com
STD36P4LLF6
P-
channel 40 V, 0.0175 Ω typ.,36 A, STripFET™ F6
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STD36P4LLF6
40 V
0.0205 Ω
36 A
60 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ F6 technology,
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
For the P-channel Power MOSFET, current
polarity of voltages and current have to be
reversed.
Table 1: Device summary
Order code
Marking
Package
Packaging
STD36P4LLF6
36P4LLF6
DPAK
Tape and reel
AM11258v1
D(2, TAB)
S(3)
G(1)


Similar Part No. - STD36P4LLF6

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD36P4LLF6 VBSEMI-STD36P4LLF6 Datasheet
973Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD36P4LLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
N-channel 40 V, 2.5 mΩ typ., 80 A STripFET™ F6 Power MOSFET in a DPAK package
26-Jul-2016
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
Automotive-grade P-channel -40 V, 12 mΩ typ., -50 A STripFET™F6 Power MOSFET in a DPAK package
22-Jul-2015
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
16-Dec-2014
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 2
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STH110N7F6-2 STMICROELECTRONICS-STH110N7F6-2 Datasheet
912Kb / 17P
N-channel 68 V, 0.0053 Ω typ.,110 A, STripFET™ F6 Power MOSFET in a H2PAK-2 package
30-Mar-2015
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com