Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR1206 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CHR1206
Description  CHR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHR1206 Datasheet(HTML) 1 Page - Riedon Powertron

  CHR1206 Datasheet HTML 1Page - Riedon Powertron CHR1206 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
5/16
Type
0402 4
0603 4
0805 4
1206
2010
2512
4020
Power Rating ( W )
0.05
0.10
0.125
0.25
0.50
1.0 3
2.0 3
Working 2
Voltage
( VAC )
Trimmed
30
75
100
200
250
300
500
Untrimmed
(≥ 5% tol.)
60
150
200
400
900
1200
1200
Resistance Range
( Ω )
Tolerances Available ( % )
Temperature Coefficients Available ( ± ppm/°C ) 1 (others upon request)
1Ω - <10Ω
10% to 20%
250
5% to 20%
100 / 250
5% to 20%
100 / 250
5% to 20%
100 / 250
5% to 20%
100 / 250
5% to 20%
100 / 250
5% to 20%
100 / 250
10Ω - <100Ω
5% to 10%
100
2% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
100Ω - 1M
1% to 10%
50 / 100
1% to 10%
50 / 100
0.5% to
10%
50 / 100
0.5% to
10%
50 / 100
0.5% to
10%
50 / 100
0.5% to
10%
50 / 100
0.5% to
10%
50 / 100
>1M - 10M
5% to 20%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
1% to 10%
50 / 100
CHR Series
• Resistances from 1 Ohm to 10M Ohms
• Power Rating 0.05 to 2Watt
• Resistance Tolerances to ± 0.5%
• TCR’s to ± 50 ppm/°C
• Non-Magnetic (contact PtAg)
• Suitable for Gluing or Soldering
• Sizes: 0402 / 0603 / 0805 / 1206 / 2010 / 2512 / 4020
• Special High Temperature Version to 300°C (H)
(See ordering Information below)
SPECIFICATIONS
Non-magnetic Chip Resistors
Specification
Value
Temperature Range
-55°C to +155°C (Standard)
-55°C to +125°C (50ppm/°C Parts)
-55°C to +300°C (High Temperature Version, TCR valid +25°C to +125°C )
Climactic Cetegory
55 / 155 / 56
Solderability
250°C / 3s (up to 6 months after shipment or 12 monts at storage in Nitrogen)
Max. Soldering Temperature
260°C / 10s
1) TCR: in ppm/C; +25°C...+125°C; TCR below standard TCR (highest value): +25°C...+85°C
2) Continuous operating voltage (U_, Ueff): V ≤ #(P*R) or max. working voltage (the lower value)
3) Solder pads must be sufficiently large to keep resistors’s peak temperature below rating
4) Best tolerance for HIgh Temp version is 2%


Similar Part No. - CHR1206

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHR1206 RIEDON-CHR1206 Datasheet
273Kb / 2P
Non-magnetic Chip Resistors
CHR1206 RIEDON-CHR1206 Datasheet
172Kb / 2P
Non-magnetic Chip Resistors
CHR1206 RIEDON-CHR1206 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR1206 RIEDON-CHR1206 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR1206H RIEDON-CHR1206H Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
More results

Similar Description - CHR1206

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Caddock Electronics, In...
CHR2520FC CADDOCK-CHR2520FC Datasheet
114Kb / 1P
Type CHR High Resistance Precision Chip Resistors
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com