Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2512B2 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CSR2512B2
Description  CSR Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR2512B2 Datasheet(HTML) 1 Page - Riedon Powertron

  CSR2512B2 Datasheet HTML 1Page - Riedon Powertron CSR2512B2 Datasheet HTML 2Page - Riedon Powertron CSR2512B2 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
8/16
Type
Power Rating
( W ) at 80°C
Resistances
( mΩ )
TCR
( ppm/
°C )
Tolerances
Operating
Temperature
Range
MAX
Operating
Voltage
CSR1206
1
0.5 - 10
±50
±200 (0.5mΩ)
0.5%(3)
1%
3%
5%
-55°C
to
+170°C
√(P*R)
CSR2010
1.5
0.5 - 10
±50
±100 (0.5mΩ)
CSR2512
1
0.5, 0.75, 1, 1.5, 2
±50
15 - 100
6, 6.5, 7, 10,
11, 12, 13, 14
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512A1
2
0.5, 0.75, 1, 1.5, 2
6.5, 7, 8, 9, 10,
±50
15 - 100
6, 6.5, 7, 10,
11, 12, 13, 14
±75
4, 5, 10
±100
2.5, 3
±150
CSR2512B2
2.5
4, 4.5, 5, 6
±50
CSR2512C2
3
0.5, 0.75
±100
10 - 14
±75
1, 1.5, 2, 3,
±50
15 - 100
CSR Series
• Resistances from 0.5 mOhm to 100 mOhm
• Power Rating up to 3 Watts
• Resistance Tolerances to ± 0.5%
• TCR’s to ±50 ppm/°C
• Sizes: 1206 / 2010 / 2512
SPECIFICATIONS
Power Current Sense Chip Resistor
1
6.5, 7, 8, 9 mΩ at 50ppm have green coating
2
All values under 10 mΩ have green coating
3
0.5% applies to 15mΩ and above
• Low Inductance (< 5nH)


Similar Part No. - CSR2512B2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR2512B2 RIEDON-CSR2512B2 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B2 RIEDON-CSR2512B2 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B2 RIEDON-CSR2512B2 Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results

Similar Description - CSR2512B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
For the CSR Bluetooth products
CSR148 ETC1-CSR148 Datasheet
153Kb / 2P
CSR Reverse Conducting Thyristors
MB-C041 ETC2-MB-C041 Datasheet
400Kb / 12P
CSR Bluetooth Modules
logo
Johanson Technology Inc...
2450FB15K0003 JOHANSON-2450FB15K0003 Datasheet
126Kb / 2P
2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0002 JOHANSON-2450FB15K0002 Datasheet
120Kb / 2P
2.45 GHz, conjugate match for CSR Chipsets BC 03, 04
2450FB15K0003 JOHANSON-2450FB15K0003_09 Datasheet
120Kb / 2P
2.45 GHz, conjugate match for CSR Chipsets BC 04, 05
2450FB15K0005 JOHANSON-2450FB15K0005 Datasheet
120Kb / 2P
2.45 GHz, Matched Balun-Filter for CSR BC Series Chipset
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
logo
Johanson Technology Inc...
2450FB15K0008 JOHANSON-2450FB15K0008 Datasheet
166Kb / 3P
2450 MHz Matched Balun-Filter for CSR BC 04/05/06 Series Chipset
logo
Pentair plc. All rights...
QUAD-MC PENTAIR-QUAD-MC Datasheet
370Kb / 2P
REPLACEMENT CARTRIDGE KIT FOR EVERPURE HIGH FLOW CSR QUAD-MC2 SYSTEMS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com