Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDLED625 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDLED625
Description  Gate charge minimized
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED625 Datasheet(HTML) 1 Page - STMicroelectronics

  STDLED625 Datasheet HTML 1Page - STMicroelectronics STDLED625 Datasheet HTML 2Page - STMicroelectronics STDLED625 Datasheet HTML 3Page - STMicroelectronics STDLED625 Datasheet HTML 4Page - STMicroelectronics STDLED625 Datasheet HTML 5Page - STMicroelectronics STDLED625 Datasheet HTML 6Page - STMicroelectronics STDLED625 Datasheet HTML 7Page - STMicroelectronics STDLED625 Datasheet HTML 8Page - STMicroelectronics STDLED625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
August 2013
DocID025167 Rev 1
1/18
18
STDLED625,
STULED625
N-channel 620 V, 1.28
Ω typ., 5.0 A Power MOSFET
in DPAK and IPAK
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Gate charge minimized
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting applications
Description
These Power MOSFETs boast extremely low on-
resistance and very good dv/dt capability,
rendering them suitable for buck-boost and
flyback topologies.
D(2,TAB)
G(1)
S(3)
AM01476v1
1
3
3
2
1
DPAK
IPAK
Order codes
VDS
RDS(on)
max.
ID
PTOT
STDLED625
620 V
1.6
Ω
5.0 A
25 W
STULED625
70 W
Table 1. Device summary
Order codes
Marking
Package
Packaging
STDLED625
LED625
DPAK
Tape and reel
STULED625
IPAK
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STDLED625

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
More results

Similar Description - STDLED625

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
N-Channel Advanced Power MOSFET Gate charge minimized
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
Gate charge minimized
13-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
Gate charge minimized
26-Mar-2013
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
Gate charge minimized
03-Oct-2011
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
Gate charge minimized
24-Jul-2012
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
Gate charge minimized
09-Sep-2010
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
Gate charge minimized
09-Apr-2013
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
Gate charge minimized
June 2013 Rev 3
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
Gate charge minimized
03-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com