Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFILED656 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFILED656
Description  Gate charge minimized
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED656 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFILED656 Datasheet HTML 2Page - STMicroelectronics STFILED656 Datasheet HTML 3Page - STMicroelectronics STFILED656 Datasheet HTML 4Page - STMicroelectronics STFILED656 Datasheet HTML 5Page - STMicroelectronics STFILED656 Datasheet HTML 6Page - STMicroelectronics STFILED656 Datasheet HTML 7Page - STMicroelectronics STFILED656 Datasheet HTML 8Page - STMicroelectronics STFILED656 Datasheet HTML 9Page - STMicroelectronics STFILED656 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STDLED656, STFILED656, STPLED656, STULED656
6/22
DocID024429 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK,
TO-
220 and IPAK
Figure 3. Thermal impedance for DPAK,
TO-
220 and IPAK
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
10
AM12961v1
Figure 4. Safe operating area for I²PAKFP
Figure 5. Thermal impedance for I²PAKFP
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
1
0.1
0.01
0.001
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
10
AM12960v1
ID
6
4
2
0
0
20
VDS(V)
(A)
10
8
10
6V
VGS=10V
12
AM12962v1
ID
2
0
0
4
VGS(V)
(A)
2
6
4
VDS=15V
6
8
8
10
AM12963v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com