Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF6N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF6N60M2
Description  Extremely low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF6N60M2 Datasheet HTML 1Page - STMicroelectronics STF6N60M2 Datasheet HTML 2Page - STMicroelectronics STF6N60M2 Datasheet HTML 3Page - STMicroelectronics STF6N60M2 Datasheet HTML 4Page - STMicroelectronics STF6N60M2 Datasheet HTML 5Page - STMicroelectronics STF6N60M2 Datasheet HTML 6Page - STMicroelectronics STF6N60M2 Datasheet HTML 7Page - STMicroelectronics STF6N60M2 Datasheet HTML 8Page - STMicroelectronics STF6N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID024771 Rev 2
5/18
STF6N60M2, STP6N60M2, STU6N60M2
Electrical characteristics
18
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
Source-drain current
-
4.5
A
ISDM (1)
1. Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
18
A
VSD (2)
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4.5 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 4.5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 19)
-
274
ns
Qrr
Reverse recovery charge
-
1.47
µC
IRRM
Reverse recovery current
-
10.7
A
trr
Reverse recovery time
ISD = 4.5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 19)
-
376
ns
Qrr
Reverse recovery charge
-
1.96
µC
IRRM
Reverse recovery current
-
10.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com