Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP6N60M2
Description  Extremely low gate charge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP6N60M2 Datasheet HTML 3Page - STMicroelectronics STP6N60M2 Datasheet HTML 4Page - STMicroelectronics STP6N60M2 Datasheet HTML 5Page - STMicroelectronics STP6N60M2 Datasheet HTML 6Page - STMicroelectronics STP6N60M2 Datasheet HTML 7Page - STMicroelectronics STP6N60M2 Datasheet HTML 8Page - STMicroelectronics STP6N60M2 Datasheet HTML 9Page - STMicroelectronics STP6N60M2 Datasheet HTML 10Page - STMicroelectronics STP6N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID024771 Rev 2
7/18
STF6N60M2, STP6N60M2, STU6N60M2
Electrical characteristics
18
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Gate charge vs gate-source voltage
Figure 11. Static drain-source on-resistance
Figure 12. Capacitance variations
Figure 13. Normalized VDS vs temperature
ID
3
2
1
0
0
10
VDS(V)
(A)
5
4
VGS= 4 V
VGS= 5 V
VGS= 8, 9, 10 V
5
VGS= 6 V
VGS= 7 V
6
8
15
20
7
AM15876v1
ID
3
2
1
0
0
2
VGS(V)
4
(A)
4
6
VDS= 20 V
8
5
6
7
10
8
AM15877v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
4
6
10
VDD=480V
8
12
ID=4.5V
VDS
300
200
100
0
400
500
VDS
(V)
AM15878v1
RDS(on)
1.060
1.040
1.020
0
3
ID(A)
(
Ω)
1
1.080
1.100
2
4
VGS=10V
1.120
AM15879v1
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15880v1
RDS(on)
0.9
0.7
0.5
-25
TJ(°C)
-50
0
1.1
25
50
75
1.3
(norm)
100
1.5
1.7
1.9
2.1
2.3
VGS=10 V
AM15883v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com