Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF7N60M2
Description  Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF7N60M2 Datasheet HTML 2Page - STMicroelectronics STF7N60M2 Datasheet HTML 3Page - STMicroelectronics STF7N60M2 Datasheet HTML 4Page - STMicroelectronics STF7N60M2 Datasheet HTML 5Page - STMicroelectronics STF7N60M2 Datasheet HTML 6Page - STMicroelectronics STF7N60M2 Datasheet HTML 7Page - STMicroelectronics STF7N60M2 Datasheet HTML 8Page - STMicroelectronics STF7N60M2 Datasheet HTML 9Page - STMicroelectronics STF7N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STF7N60M2
6/13
DocID024894 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM15813v1
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
6
4
2
0
0
10
VDS(V)
20
(A)
5
15
3V
VGS=7, 8, 9, 10, 11V
1
3
5
4V
5V
6V
7
8
9
AM15815v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
10
1
3
5
VDS=19V
7
8
9
AM15816v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
12
300
200
100
0
400
500
VDS
VDS
(V)
VDD=480V
ID=5A
10
AM15824v1
RDS(on)
0.860
0.850
0.840
0.830
0
3
ID(A)
(
Ω)
2
4
0.870
VGS=10V
5
1
0.880
0.890
0.900
0.910
AM15817v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com