Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF7N65M2
Description  Extremely low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF7N65M2 Datasheet HTML 2Page - STMicroelectronics STF7N65M2 Datasheet HTML 3Page - STMicroelectronics STF7N65M2 Datasheet HTML 4Page - STMicroelectronics STF7N65M2 Datasheet HTML 5Page - STMicroelectronics STF7N65M2 Datasheet HTML 6Page - STMicroelectronics STF7N65M2 Datasheet HTML 7Page - STMicroelectronics STF7N65M2 Datasheet HTML 8Page - STMicroelectronics STF7N65M2 Datasheet HTML 9Page - STMicroelectronics STF7N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STF7N65M2
6/13
DocID026763 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
10μs
1ms
100μs
0.01
Tj=150°C
Tc=25°C
Single pulse
10ms
100
GIPG060820141147FSR
Figure 4. Output characteristics
Figure 5. Transfer characteristics
ID
6
2
0
0
5
VDS(V)
10
(A)
15
4V
5V
VGS=7, 8, 9, 10V
4
8
20
6V
GIPG060820141159FSR
ID
6
4
2
0
04
VGS(V)
8
(A)
26
8
VDS=20V
GIPG060820141210FSR
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
VGS
6
4
2
0
0
4
Qg(nC)
(V)
8
6
8
10
VDD=520V
ID=5A
300
200
100
0
400
500
VDS
2
10
VDS
(V)
12
600
GIPG060820141216FSR
RDS(on)
0.96
0.94
0.92
0
2
ID(A)
(Ω)
1
3
0.98
VGS=10V
4
5
1.0
1.02
1.04
GIPG060820141221FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com