Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N105K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF7N105K5
Description  Ultra-low gate charge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N105K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF7N105K5 Datasheet HTML 1Page - STMicroelectronics STF7N105K5 Datasheet HTML 2Page - STMicroelectronics STF7N105K5 Datasheet HTML 3Page - STMicroelectronics STF7N105K5 Datasheet HTML 4Page - STMicroelectronics STF7N105K5 Datasheet HTML 5Page - STMicroelectronics STF7N105K5 Datasheet HTML 6Page - STMicroelectronics STF7N105K5 Datasheet HTML 7Page - STMicroelectronics STF7N105K5 Datasheet HTML 8Page - STMicroelectronics STF7N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STF7N105K5
Electrical characteristics
DocID026184 Rev 2
5/14
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 525 V, ID = 2 A, RG
=4.7 Ω,
VGS=10 V
(see Figure 15: "Test circuit for
resistive load switching times" and
Figure 20: "Switching time
waveform")
-
17.5
-
ns
tr
Rise time
-
7
-
ns
td(off)
Turn-off delay time
-
43
-
ns
tf
Fall time
-
25
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
4
A
ISDM
Source-drain current
(pulsed)
16
A
VSD(1)
Forward on voltage
ISD= 4 A, VGS=0
-
1.6
V
trr
Reverse recovery time
ISD= 4 A, VDD= 60 V
di/dt = 100 A/µs,
Figure 17: "Test circuit for
inductive load switching and
diode recovery times"
-
370
ns
Qrr
Reverse recovery charge
-
3
µC
IRRM
Reverse recovery current
-
16.5
A
trr
Reverse recovery time
ISD= 4 A,VDD= 60 V
di/dt=100 A/µs, Tj=150 °C
Figure 17: "Test circuit for
inductive load switching and
diode recovery times"
-
600
ns
Qrr
Reverse recovery charge
-
4.4
µC
IRRM
Reverse recovery current
-
14.5
A
Notes:
(1)Pulsed: pulse duration = 300µs, duty cycle 1.5%
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ± 1mA, ID=0
30
-
-
V
The built-in back-to-back Zener diodes have been specifically designed to enhance the
ESD capability of the device. The Zener voltage is appropriate for efficient and cost-
effective intervention to protect the device integrity. These integrated Zener diodes thus
eliminate the need for external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com