Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB620-101 Datasheet(PDF) 2 Page - SICK AG

Part # CDB620-101
Description  CONNECTIVITY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CDB620-101 Datasheet(HTML) 2 Page - SICK AG

  CDB620-101 Datasheet HTML 1Page - SICK AG CDB620-101 Datasheet HTML 2Page - SICK AG CDB620-101 Datasheet HTML 3Page - SICK AG CDB620-101 Datasheet HTML 4Page - SICK AG CDB620-101 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CDB620-101 | CDB
CONNECTIVITY
Ordering information
Type
Part no.
CDB620-101
1042257
Other models and accessories
www.sick.com/CDB
Detailed technical data
Features
Brief description
Small connection module for one sensor, 2 cable glands, 2 x M12 connector/socket for CAN,
base for CMC600
Supported products
CLV61x - CLV65x, Lector62x, RFH6xx, RFU62x
Cloning module support (CMC)
Yes
Supports display module (CMD)
No
Supports power supply module (CMP)
No
Supports fieldbus gateway (CMF)
No
Interfaces
Serial
✔, RS-232, RS-422, RS-485
Remark Depending on sensor connected
CAN
✔
Remark Depending on sensor connected
Switching inputs
Depending on sensor connected
Switching outputs
Depending on sensor connected
Optical indicators
9 LED
Configuration software
SOPAS ET
Mechanics/electronics
Operating voltage
10 V DC ... 30 V DC 1)
Power consumption
1 W
Housing
Polycarbonat
Housing color
Blue (RAL 5012)
Enclosure rating
IP65
Protection class
III
Weight
260 g
Dimensions (L x W x H)
124.2 mm x 113.1 mm x 53.9 mm
Scanner connection
15-pin D-Sub HD female connector
1) Supply voltage of the connected scanner + 1 V.
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com