Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF18N60M2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF18N60M2
Description  Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60M2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF18N60M2 Datasheet HTML 3Page - STMicroelectronics STF18N60M2 Datasheet HTML 4Page - STMicroelectronics STF18N60M2 Datasheet HTML 5Page - STMicroelectronics STF18N60M2 Datasheet HTML 6Page - STMicroelectronics STF18N60M2 Datasheet HTML 7Page - STMicroelectronics STF18N60M2 Datasheet HTML 8Page - STMicroelectronics STF18N60M2 Datasheet HTML 9Page - STMicroelectronics STF18N60M2 Datasheet HTML 10Page - STMicroelectronics STF18N60M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID024729 Rev 3
7/13
STF18N60M2
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Normalized gate threshold voltage vs.
temperature
Figure 10. Normalized on-resistance vs
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12. Normalized V(BR)DSS vs temperature
Figure 13. Output capacitance stored energy
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15841v1
VGS(th)
0.8
0.7
TJ(°C)
(norm)
-50
0.9
-25
50
100
0
25
75
125
1.0
1.1
ID=250 µA
AM15828v1
RDS(on)
1.3
1.1
0.9
0.7
TJ(°C)
(norm)
0.5
-50 -25
0
25
ID=6.5 A
50
75
100 125
1.5
1.7
1.9
2.1
2.3
2.5
VGS=10V
AM15829v1
VSD
0
2
ISD(A)
(V)
4
0
0.2
0.4
0.6
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
6
1
1.2
1.4
8
10
12
AM15842v1
V(BR)DSS
0.99
0.97
0.95
0.93
TJ(°C)
(norm)
-50
1.01
ID=1mA
-25
50
100
1.03
0
25
75
125
1.05
1.07
1.09
1.11
AM15831v1
Eoss
0
VDS(V)
(µJ)
200
100
500
0
1
2
3
300 400
600
4
5
6
AM15843v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com