Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDM140-2PDF01D Datasheet(PDF) 4 Page - SICK AG

Part # IDM140-2PDF01D
Description  HAND-HELD SCANNERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IDM140-2PDF01D Datasheet(HTML) 4 Page - SICK AG

  IDM140-2PDF01D Datasheet HTML 1Page - SICK AG IDM140-2PDF01D Datasheet HTML 2Page - SICK AG IDM140-2PDF01D Datasheet HTML 3Page - SICK AG IDM140-2PDF01D Datasheet HTML 4Page - SICK AG IDM140-2PDF01D Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM140-2PDF01D | IDM14x
HAND-HELD SCANNERS
Reading field diagram
0
100
(3.94)
300
(11.81)
200
(7.87)
400
(15.75)
500
(19.69)
600
(23.62)
0.08 (3.1 mil)
0.33 (13.0 mil)
0.5 (19.7 mil)
Code resolution in mm (mil)
Reading distance in mm (inch)
Recommended accessories
Other models and accessories
www.sick.com/IDM14x
Brief description
Type
Part no.
Other mounting accessories
Tripod mount
Stand mount
6036724
Desk holder
Table mount
6036723
Plug connectors and cables
Head A: male connector, USB-A
Head B: male connector, RJ45
Cable: USB, unshielded, 1.8 m
For keyboard wedge or USB Com Port Emulation
Connection cable
6036728
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com