Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFW42N60M2-EP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STFW42N60M2-EP
Description  N-channel 600 V, 0.076 ??typ., 34 A MDmesh™M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW42N60M2-EP Datasheet(HTML) 2 Page - STMicroelectronics

  STFW42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STF42N60M2-EP, STFW42N60M2-EP
2/16
DocID027376 Rev 1
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4.1
TO-220FP, STF42N60M2-EP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11
4.2
TO-3PF, STFW42N60M2-EP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com