Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3985IM5-2.6 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3985IM5-2.6
Description  Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3985IM5-2.6 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3985IM5-2.6 Datasheet HTML 1Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 2Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 3Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 4Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 5Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 6Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 7Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 8Page - National Semiconductor (TI) LP3985IM5-2.6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP3985
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS
Voltage Regulator
General Description
The LP3985 is designed for portable and wireless applica-
tions with demanding performance and space requirements.
The LP3985 is stable with a small 1µF ±30% ceramic or
high-quality tantalum output capacitor. The micro SMD re-
quires the smallest possible PC board area - the total appli-
cation circuit area can be less than 2.0mm x 2.5mm, a
fraction of a 1206 case size.
The LP3985’s performance is optimized for battery powered
systems to deliver ultra low noise, extremely low dropout
voltage and low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging the
battery life.
An optional external bypass capacitor reduces the output
noise without slowing down the load transient response.
Fast start-up time is achieved by utilizing an internal
power-on circuit that actively pre-charges the bypass capaci-
tor.
Power supply rejection is better than 50 dB at low frequen-
cies and starts to roll off at 1kHz. High power supply rejection
is maintained down to low input voltage levels common to
battery operated circuits.
The device is ideal for mobile phone and similar battery
powered wireless applications. It provides up to 150 mA,
from a 2.5V to 6V input. The LP3985 consumes less than
1.5µA in disable mode and has fast turn-on time less than
200µs.
The LP3985 is available in a 5 bump small bump micro SMD,
a 5 bump large bump micro SMD, a 5 bump thin micro SMD
and a 5 pin SOT-23 package. Performance is specified for
−40˚C to +125˚C temperature range and is available in 2.5V,
2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V. 3.1V, 3.2V, 3.3V, 4.7V,
4.8V and 5.0V output voltages. For other output voltage
options between 2.5V to 5.0V or for a dual LP3985, please
contact National Semiconductor sales office.
Key Specifications
n
2.5 to 6.0V input range
n
150mA guaranteed output
n
50dB PSRR at 1kHz @ V
IN =VOUT + 0.2V
n
≤1.5µA quiescent current when shut down
n
Fast Turn-On time: 200 µs (typ.)
n
100mV maximum dropout with 150mA load
n
30µVrms output noise (typ) over 10Hz to 100kHz
n
−40 to +125˚C junction temperature range for operation
n
2.5V, 2.6V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.1V, 3.2V,
3.3V, 4.7V, 4.8V and 5.0V outputs standard
Features
n
Miniature 5-I/O micro SMD and SOT-23-5 package
n
Logic controlled enable
n
Stable with ceramic and high quality tantalum capacitors
n
Fast turn-on
n
Thermal shutdown and short-circuit current limit
Applications
n
CDMA cellular handsets
n
Wideband CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
Typical Application Circuit
10136402
Note: Pin Numbers in parenthesis indicate micro SMD package.
* Optional Noise Reduction Capacitor.
June 2003
© 2003 National Semiconductor Corporation
DS101364
www.national.com


Similar Part No. - LP3985IM5-2.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985IM5-2.5 TI-LP3985IM5-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5 TI-LP3985IM5-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5 TI1-LP3985IM5-2.5 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5/NOPB TI1-LP3985IM5-2.5/NOPB Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985IM5-2.5/NOPB TI2-LP3985IM5-2.5/NOPB Datasheet
1,005Kb / 34P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
REVISED MAY 2015
More results

Similar Description - LP3985IM5-2.6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
150mA Ultra Low Dropout, Low Noise Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com