Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCF2509 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF2509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2509 Datasheet(HTML) 2 Page - Texas Instruments

  CDCF2509 Datasheet HTML 1Page - Texas Instruments CDCF2509 Datasheet HTML 2Page - Texas Instruments CDCF2509 Datasheet HTML 3Page - Texas Instruments CDCF2509 Datasheet HTML 4Page - Texas Instruments CDCF2509 Datasheet HTML 5Page - Texas Instruments CDCF2509 Datasheet HTML 6Page - Texas Instruments CDCF2509 Datasheet HTML 7Page - Texas Instruments CDCF2509 Datasheet HTML 8Page - Texas Instruments CDCF2509 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CDCF2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS624C − APRIL 1999 − REVISED DECEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
OUTPUTS
1G
2G
CLK
1Y
(0:4)
2Y
(0:3)
FBOUT
X
X
L
L
L
L
L
LHL
LH
L
HH
L
HH
H
LH
H
LH
H
H
H
H
H
H
functional block diagram
1Y2
1Y1
1Y0
PLL
FBIN
AVCC
2G
CLK
1G
2Y2
2Y1
2Y0
2Y3
FBOUT
1Y3
1Y4
11
14
24
13
23
3
4
5
8
9
21
20
17
16
12
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(PW)
0
°C to 85°C
CDCF2509PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com