Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2131 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PL2131
Description  SMT Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL2131 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PL2131 Datasheet HTML 1Page - Pulse A Technitrol Company PL2131 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M154.C (11/12)
2
pulseelectronics.com
SMT Power Inductors
Military/Aerospace Grade
Wire Wound
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 25°C
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 100°C
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
Temp Rise vs Power Dissipation
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 25°C
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 100°C
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
Temp Rise vs Power Dissipation
Inductance vs Current Characteristics
For More Information
Pulse Worldwide
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
Tel: 215 781 6400
Fax: 215 781 6403
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F No. 198, Zhongyuan Road
Zhongli City
Taoyuan County (32068)
Taiwan
Tel: 886 3 4356768
Fax: 886 3 4356823
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks
or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com