Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS504TPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS504TPWRQ1
Description  Clock Buffer and Clock Multiplier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS504TPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  CDCS504TPWRQ1 Datasheet HTML 1Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 2Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 3Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 4Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 5Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
IN
8
VDD
2
GND
7
OE
3
GND
6
OUT
4
GND
5
FS
Not to scale
3
CDCS504-Q1
www.ti.com
SCAS951 – APRIL 2017
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
PW Package
8-Pin TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
FS
5
I
Frequency multiplication selection, internal pullup
GND
2, 3, 4
Ground
Ground
IN
1
I
LVCMOS clock input
OE
7
I
Output enable, internal pullup
OUT
6
O
LVCMOS clock output
VDD
8
Power
3.3-V power supply
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.5
4.6
V
VIN
Input voltage
–0.5
4.6
V
Vout
Output voltage
–0.5
4.6
V
IIN
Input current (VI < 0, VI > VDD)
20
mA
Iout
Continuous output current
50
mA
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±1500
V
Charged-device model (CDM), per AEC Q100-011
±750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com