Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA10
Description  10 A Snubberless™, logic level and standard Triacs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA10 Datasheet HTML 1Page - STMicroelectronics BTA10 Datasheet HTML 2Page - STMicroelectronics BTA10 Datasheet HTML 3Page - STMicroelectronics BTA10 Datasheet HTML 4Page - STMicroelectronics BTA10 Datasheet HTML 5Page - STMicroelectronics BTA10 Datasheet HTML 6Page - STMicroelectronics BTA10 Datasheet HTML 7Page - STMicroelectronics BTA10 Datasheet HTML 8Page - STMicroelectronics BTA10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BTA10, BTB10, T10xx
Characteristics
DocID2937 Rev 7
3/14
Table 4: Electrical characteristics (Tj = 25 °C, unless otherwise specified) -
Snubberless™
(3 quadrants)
Symbol
Parameter
Quadrant
BTA10/BTB10
T1050
Unit
CW
BW
IGT(1)
VD = 12 V, RL
= 33 Ω
I - II - III
Max.
35
50
mA
VGT
I - II - III
Max.
1.3
V
VGD
VD = VDRM, RL
= 3,3 kΩ,
Tj = 125 °C
I - II - III
Min.
0.2
V
IH(2)
IT = 500 mA
Max.
35
50
mA
IL
IG = 1.2 IGT
I - III
Max.
50
70
mA
II
Max.
60
80
dV/dt(2)
VD = 67 % VDRM gate open,
Tj = 125 °C
Min.
500
1000
V/µs
(dI/dt)c(2)
(dI/dt)c = 5.3 A/ms, Tj = 125 °C
Min.
5.5
9
A/ms
Notes:
(1) Minimum IGT is guaranteed at 5 % of IGT max.
(2) For both polarities of A2 referenced to A1
Table 5: Electrical characteristics (Tj = 25 °C, unless otherwise specified) - standard Triac
(4 quadrants)
Symbol
Parameter
Quadrant
Value
Unit
C
B
IGT(1)
VD = 12 V, RL
= 33 Ω
I - II - III
Max.
25
50
mA
IV
Max.
50
100
VGT
All
Max.
1.3
V
VGD
VD = VDRM, RL
= 3,3 kΩ, Tj = 125 °C
I - II - III
Min.
0.2
V
IH(2)
IT = 500 mA
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III
Max.
40
50
mA
II
Max.
80
100
dV/dt(2)
VD = 67 % VDRM gate open, Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c(2)
(dI/dt)c = 4.4 A/ms, Tj = 125 °C
Min.
5
10
V/µs
Notes:
(1) Minimum IGT is guaranteed at 5 % of IGT max.
(2) For both polarities of A2 referenced to A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com