Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9045TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LET9045TR
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9045TR Datasheet(HTML) 4 Page - STMicroelectronics

  LET9045TR Datasheet HTML 1Page - STMicroelectronics LET9045TR Datasheet HTML 2Page - STMicroelectronics LET9045TR Datasheet HTML 3Page - STMicroelectronics LET9045TR Datasheet HTML 4Page - STMicroelectronics LET9045TR Datasheet HTML 5Page - STMicroelectronics LET9045TR Datasheet HTML 6Page - STMicroelectronics LET9045TR Datasheet HTML 7Page - STMicroelectronics LET9045TR Datasheet HTML 8Page - STMicroelectronics LET9045TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
LET9045
4/12
2
Electrical characteristics
TCASE = + 25 °C
2.1
Static
2.2
Dynamic
2.3
ESD protection characteristics
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS VGS = 0V
ID = 1 mA
80
V
IDSS
VGS = 0V
VDS = 28 V
1
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 300 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
1.2
V
GFS
VDS = 10 V
ID = 3 A
2.5
mho
CISS
VGS = 0V
VDS = 28 V
f = 1 MHz
59
pF
COSS
VGS = 0V
VDS = 28 V
f = 1 MHz
28
pF
CRSS
VGS = 0V
VDS = 28 V
f = 1 MHz
0.8
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V, IDQ = 300 mA, PIN = 1 W, f = 960 MHz
45
59
-
W
GPS
VDD = 28 V, IDQ = 300 mA, PIN = 1 W, f = 960 MHz
16.5
17.5
dB
hD
VDD = 28 V, IDQ = 300 mA, PIN = 1 W, f = 960 MHz
60
65
%
Load
mismatch
VDD = 28 V, IDQ = 300 mA, PIN = 1 W, f = 960 MHz All
phase angles
10:1
VSW
R
Table 6.
ESD protection characteristics
Test conditions
Class
Human body model
2
Machine model
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com