Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3102L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3102L
Description  GREEN MODE PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3102L Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3102L Datasheet HTML 1Page - Diodes Incorporated AP3102L Datasheet HTML 2Page - Diodes Incorporated AP3102L Datasheet HTML 3Page - Diodes Incorporated AP3102L Datasheet HTML 4Page - Diodes Incorporated AP3102L Datasheet HTML 5Page - Diodes Incorporated AP3102L Datasheet HTML 6Page - Diodes Incorporated AP3102L Datasheet HTML 7Page - Diodes Incorporated AP3102L Datasheet HTML 8Page - Diodes Incorporated AP3102L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP3102/V/L
Document number: DS37419 Rev.2 - 2
2 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP3102/V/L
A Product Line of
Diodes Incorporated
Typical Applications Circuit
R11
5.1 k
C8 0.1
F
C3
47
F
R12
4.7 k
R10
20 k
C2
2nF
R7
R4 20
R3
3.9
R13
620
R6
0.55
Q1
7N60
BD1
R2
100k
12V/3A
J2
J1
C1
100
F
1
2
4
3
U2 P817
Q2
AZ431
D2
D1
FR107
R8 27k
R1
2M
C7
470
F
L2
8
H
D3
C 10
1000
F
T
C9
1nF
R9 10
ADJ
5
SENSE
6
B OK
3
RI
4
GATE
8
VCC
7
FB
2
GND
1
U1
AP3102
10 M
82k
3.3 F
C4
CX1
D4
6.8nF
10nF
R4
R5
CY
C5
C6
0.1
F
C9
VCB
18 k
1 k
R14
For AP3102
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Signal ground. Current return for driver and control circuits
2
FB
Feedback. Directly connected to the opto-coupler
3
BOK
Brownout Protection Pin. Connected to a resistor divider from the ground to bulk capacitor
for setting the brownout level and line compensation. When the voltage of this pin is lower
than 0.5V and lasts 35ms, the PWM signal will be off and system enters the auto
recoverable protection mode (hiccup mode). Moreover, this pin is also applied for line OVP
(trigger level is 4V) and line compensation (compensate the current sense for over load
protection.)
4
RI
Set the bias current to determine the normal switching frequency
5
ADJ
To adjust the level of skip cycle. When its value is greater than 4.5V, the system will be
latched
6
SENSE
Current sense
7
VCC
Supply voltage of driver and control circuits
8
GATE
Gate driver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com