Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9060F Datasheet(PDF) 5 Page - STMicroelectronics

Part # LET9060F
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060F Datasheet(HTML) 5 Page - STMicroelectronics

  LET9060F Datasheet HTML 1Page - STMicroelectronics LET9060F Datasheet HTML 2Page - STMicroelectronics LET9060F Datasheet HTML 3Page - STMicroelectronics LET9060F Datasheet HTML 4Page - STMicroelectronics LET9060F Datasheet HTML 5Page - STMicroelectronics LET9060F Datasheet HTML 6Page - STMicroelectronics LET9060F Datasheet HTML 7Page - STMicroelectronics LET9060F Datasheet HTML 8Page - STMicroelectronics LET9060F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LET9060F
Typical performances
Doc ID 16863 Rev 3
5/9
4
Typical performances
Figure 3.
Gain vs output power freq = 945
MHz, Vdd = 28 V
Figure 4.
Gain and efficiency vs output
power, freq = 945 MHz,
Vdd = 28 V, Idq = 0.4 A
Table 7.
Gain vs output power, freq = 945
MHz, Idq = 0.4 A
Figure 5.
Gain and efficiency vs output
power, freq = 945 MHz,
Vdd = 35 V, Idq = 0.4 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com