Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9060TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # LET9060TR
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9060TR Datasheet(HTML) 2 Page - STMicroelectronics

  LET9060TR Datasheet HTML 1Page - STMicroelectronics LET9060TR Datasheet HTML 2Page - STMicroelectronics LET9060TR Datasheet HTML 3Page - STMicroelectronics LET9060TR Datasheet HTML 4Page - STMicroelectronics LET9060TR Datasheet HTML 5Page - STMicroelectronics LET9060TR Datasheet HTML 6Page - STMicroelectronics LET9060TR Datasheet HTML 7Page - STMicroelectronics LET9060TR Datasheet HTML 8Page - STMicroelectronics LET9060TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maximum ratings
LET9060
2/11
Doc ID 010019 Rev 1
1
Maximum ratings
TCASE = 25 °C.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source voltage
80
V
VGS
Gate-source voltage
-0.5 to +15
V
ID
Drain current
12
A
PDISS
Power dissipation (@ TC = 70 °C)
95
W
TJ
Max. operating junction temperature
165
°C
TSTG
Storage temperature
-65 to +150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Junction-case thermal resistance
1.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com