Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8164 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC8164
Description  2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8164 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC8164 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8164 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8164
2.488 Gbit/sec to 2.7Gbit/sec
1:16 SONET/SDH Demux
Page 8
 VITESSE SEMICONDUCTOR CORPORATION
G52239-0, Rev. 3.3
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
5/17/00
Package Pin Descriptions
Table 3: Pin Identification
Pin
Name
I/O
Level
Description
1
NC
-
-
No connect, leave unconnected
2
NC
-
-
No connect, leave unconnected
3
NC
-
-
No connect, leave unconnected
4
NC
-
-
No connect, leave unconnected
5
NC
-
-
No connect, leave unconnected
6
NC
-
-
No connect, leave unconnected
7
NC
-
-
No connect, leave unconnected
8
NC
-
-
No connect, leave unconnected
9
NC
-
-
No connect, leave unconnected
10
HSDREF
I
voltage
High speed data input termination voltage reference
11
NC
-
-
No connect, leave unconnected
12
VEE
-
GND typ
Negative power supply pins
13
D+
I
HS
High jspeed data input, true
14
D-
I
HS
High speed data input, complement
15
VCC
-
+3.3V typ
Positive power supply pins
16
VEE
-
GND typ
Negative power supply pins
17
VEE
-
GND typ
Negative power supply pins
18
VCC
-
+3.3V typ
Positive power supply pins
19
HSCLK-
I
HS
High speed clock input, complement
20
HSCLK+
I
HS
High speed clock input, true
21
VCC
-
+3.3V typ
Positive power supply pins
22
HSCLKREF
I
voltage
High speed clock input termination voltage reference
23
NC
-
-
No connect, leave unconnected
24
NC
-
-
No connect, leave unconnected
25
NC
-
-
No connect, leave unconnected
26
NC
-
-
No connect, leave unconnected
27
NC
-
-
No connect, leave unconnected
28
NC
-
-
No connect, leave unconnected
29
NC
-
-
No connect, leave unconnected
30
NC
-
-
No connect, leave unconnected
31
NC
-
-
No connect, leave unconnected
32
NC
-
-
No connect, leave unconnected
33
NC
-
-
No connect, leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com