Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC2933 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAC2933
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2933 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAC2933 Datasheet HTML 3Page - STMicroelectronics STAC2933 Datasheet HTML 4Page - STMicroelectronics STAC2933 Datasheet HTML 5Page - STMicroelectronics STAC2933 Datasheet HTML 6Page - STMicroelectronics STAC2933 Datasheet HTML 7Page - STMicroelectronics STAC2933 Datasheet HTML 8Page - STMicroelectronics STAC2933 Datasheet HTML 9Page - STMicroelectronics STAC2933 Datasheet HTML 10Page - STMicroelectronics STAC2933 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STAC2933
Typical performance
Doc ID 022676 Rev 1
7/12
4
Typical performance
Figure 3.
Capacitance vs drain voltage
Figure 4.
Drain current vs gate voltage
Figure 5.
Gate-source voltage vs. case
temperature
0
1020
3040
50
Vds, Drain Source Voltage (V)
10
100
1000
10000
Ciss
Coss
Crss
f= 1 MHz
1
1.5
2
2.5
3
3.5
4
Vgs, Gate-Source Voltage (V)
0
5
10
15
Vdd=10V
Tc = + 80oC
Tc = + 25oC
Tc = - 20oC
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (ºC)
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Vdd= 10 V
Id=.1 A
Id=.25 A
Id= 1 A
Id= 2 A
Id= 3 A
Id= 5 A
Id= 4 A
Id= 7 A
Id= 10 A
Id= 12 A
Id= 15 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com