Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC2942F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STAC2942F
Description  Excellent thermal stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2942F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STAC2942F Datasheet HTML 7Page - STMicroelectronics STAC2942F Datasheet HTML 8Page - STMicroelectronics STAC2942F Datasheet HTML 9Page - STMicroelectronics STAC2942F Datasheet HTML 10Page - STMicroelectronics STAC2942F Datasheet HTML 11Page - STMicroelectronics STAC2942F Datasheet HTML 12Page - STMicroelectronics STAC2942F Datasheet HTML 13Page - STMicroelectronics STAC2942F Datasheet HTML 14Page - STMicroelectronics STAC2942F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STAC2942F
Test circuit
Doc ID 17122 Rev 3
11/16
Component
Description
R3, R4
270
Ω 1/2 W axial lead resistor
B1
RG-316 50
Ω 11.8" thru ferrite toroid
B2
RG-142 50
Ω 11.8"
T1
4:1, RG-316 25
Ω, 5.9", 2 turns thru ferrite core
T2
1:4, 25
Ω semi-rigid cable, OD .141", 5.9"
L1
λ/4 inductor, RG-142 50 Ω, 11.8", 3 turns thru ferrite toroid
FB1,FB5
Ferrite toroid
FB2, FB6
Multi-aperture core
FB3, FB4
Surface mount ferrite bead
PCB
Rogers ultralam 2000, Er 2.55, .060"
Table 7.
175 MHz test circuit component part list (continued)
Figure 14.
Circuit layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com