Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC2943 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAC2943
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2943 Datasheet(HTML) 4 Page - STMicroelectronics

  STAC2943 Datasheet HTML 1Page - STMicroelectronics STAC2943 Datasheet HTML 2Page - STMicroelectronics STAC2943 Datasheet HTML 3Page - STMicroelectronics STAC2943 Datasheet HTML 4Page - STMicroelectronics STAC2943 Datasheet HTML 5Page - STMicroelectronics STAC2943 Datasheet HTML 6Page - STMicroelectronics STAC2943 Datasheet HTML 7Page - STMicroelectronics STAC2943 Datasheet HTML 8Page - STMicroelectronics STAC2943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STAC2943
4/12
Doc ID 022675 Rev 1
2
Electrical characteristics
(TCASE = 25°C)
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
(1)
VGS = 0 V
IDS = 200 mA
130
V
IDSS
VGS = 0 V
VDS = 50 V
200
μA
IGSS
VGS = 20 V
VDS = 0 V
500
nA
VGS(Q)
(2)
VDS = 10 V
ID = 250 mA
see table
below
V
VDS(ON)
VGS = 10 V
ID = 20 A
2
V
GFS
(2)
VDS = 10 V
ID = 10 A
see table
below
mho
CISS
VGS = 0 V
VDS = 50 V
f = 1 MHz
830
pF
COSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
470
pF
CRSS
VGS = 0 V
VDS = 50 V
f = 1 MHz
35
pF
1.
TJ = 150° C
2.
VGS and GFS sorts for each unit see Table 6 and Table 7.
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 50 V IDQ = 250 mA
f = 30 MHz
350
450
W
GPS
VDD = 50 V IDQ = 250 mA POUT = 350 W
f = 30 MHz
22
25
dB
hD
VDD = 50 V IDQ = 250 mA POUT = 350 W
f = 30 MHz
60
65
%
Load
Mismatch
VDD = 50 V IDQ = 250 mA POUT = 350 W
f = 30 MHz
All phase angles
3:1
VSWR
Table 6.
GFS sorts
Symbol
Value
A10 - 10.99
B11 - 11.99
C12 - 12.99
D13 - 13.99
E14 - 14.99
F15 - 15.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com