Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC3932F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAC3932F
Description  Excellent thermal stability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC3932F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAC3932F Datasheet HTML 2Page - STMicroelectronics STAC3932F Datasheet HTML 3Page - STMicroelectronics STAC3932F Datasheet HTML 4Page - STMicroelectronics STAC3932F Datasheet HTML 5Page - STMicroelectronics STAC3932F Datasheet HTML 6Page - STMicroelectronics STAC3932F Datasheet HTML 7Page - STMicroelectronics STAC3932F Datasheet HTML 8Page - STMicroelectronics STAC3932F Datasheet HTML 9Page - STMicroelectronics STAC3932F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical schematic and BOM
STAC3932F
6/16
Doc ID 15513 Rev 4
4
Electrical schematic and BOM
Figure 3.
Electrical schematic
Table 8.
Bill of materials
Component
Description
C1
270 pF ATC 100B chip capacitor
C2
180 pF ATC 100B chip capacitor
C3, C4
750 pF ATC 700B chip capacitor
C5, C8
43 pF ATC 100B chip capacitor
C6
20 pF ATC 100B chip capacitor
C7
1000 pF ATC 100C chip capacitor
C9
5.6 pF ATC 100B chip capacitor
C10
2200 pF ATC 100C chip capacitor
C11
470 pF ATC 100B chip capacitor
C12
100 µF, 200 V electrolytic capacitor
C13, C14
1200 pF ATC 700B chip capacitor
R1, R2
15
Ω 1/4 watt chip resistor
R3, R4
30
Ω 1/4 watt axial lead resistor
L1
3 turns, 16 ga magnet wire, Id 3/8", .165" turn
spacing, 78 nH
FB1, FB2
ferrite bead, Fair-Rite # 2743019447
B1
1/4
λ balun transformer, RG316-25Ω ,16.5"
T1
20 ga teflon coated wire thru 4 copper tubes OD
1/8"x 1.5"
TL1, TL2
0.740" x 0.200" microstrip
TL3, TL4
0.360" x 0.200" microstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com