Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC4932F
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F Datasheet(HTML) 1 Page - STMicroelectronics

  STAC4932F Datasheet HTML 1Page - STMicroelectronics STAC4932F Datasheet HTML 2Page - STMicroelectronics STAC4932F Datasheet HTML 3Page - STMicroelectronics STAC4932F Datasheet HTML 4Page - STMicroelectronics STAC4932F Datasheet HTML 5Page - STMicroelectronics STAC4932F Datasheet HTML 6Page - STMicroelectronics STAC4932F Datasheet HTML 7Page - STMicroelectronics STAC4932F Datasheet HTML 8Page - STMicroelectronics STAC4932F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
September 2010
Doc ID 17158 Rev 3
1/12
12
STAC4932F
RF power transistors
HF/VHF/UHF N-channel MOSFETs
Features
Excellent thermal stability
Common source push-pull configuration
POUT = 1000 W min. (1200 W typ.) with 26 dB
gain @ 123 MHz
Pulse conditions: 1 msec - 10%
In compliance with the 2002/95/EC
European directive
ST air cavity packaging technology - STAC®
package
Description
The STAC4932F is a N-channel MOS field-effect
RF power transistor. It is intended for 100 V pulse
applications up to 250 MHz. This device is
suitable for use in industrial, scientific and medical
applications.
The STAC4932B benefits from the latest
generation of efficient, patent-pending package
technology, otherwise known as STAC®.
Figure 1.
Pin connection
STAC244F
Air cavity
1. Drain
2. Gate
3. Source
(Bottom side)
1
1
2
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STAC4932F
STAC4932F
STAC244F
Plastic tray
www.st.com


Similar Part No. - STAC4932F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC4932F1MR STMICROELECTRONICS-STAC4932F1MR Datasheet
474Kb / 16P
350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
17-Apr-2020
More results

Similar Description - STAC4932F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
Excellent thermal stability
27-Jan-2014
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com