Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4933 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STAC4933
Description  Excellent thermal stability
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4933 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STAC4933 Datasheet HTML 3Page - STMicroelectronics STAC4933 Datasheet HTML 4Page - STMicroelectronics STAC4933 Datasheet HTML 5Page - STMicroelectronics STAC4933 Datasheet HTML 6Page - STMicroelectronics STAC4933 Datasheet HTML 7Page - STMicroelectronics STAC4933 Datasheet HTML 8Page - STMicroelectronics STAC4933 Datasheet HTML 9Page - STMicroelectronics STAC4933 Datasheet HTML 10Page - STMicroelectronics STAC4933 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID022695 Rev 2
7/12
STAC4933
Typical performance
12
4
Typical performance
Figure 3. Capacitance vs. drain voltage
Figure 4. Drain current vs. drain-source voltage
Figure 5. Drain current vs. drain-source voltage
at different temperatures
0
200
400
600
800
1000
1200
1400
010
20
30
40
50
Drain-source voltage (V)
Cgs
Cgd
Cds
AM09243V1
0
5
10
15
20
25
30
35
02468
Vds (V)
10
AM09244V1
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vgs (V)
25°C
80°C
-20°C
AM09245V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com