Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6N52K3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP6N52K3
Description  Extremely high dv/dt capability
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N52K3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP6N52K3 Datasheet HTML 14Page - STMicroelectronics STP6N52K3 Datasheet HTML 15Page - STMicroelectronics STP6N52K3 Datasheet HTML 16Page - STMicroelectronics STP6N52K3 Datasheet HTML 17Page - STMicroelectronics STP6N52K3 Datasheet HTML 18Page - STMicroelectronics STP6N52K3 Datasheet HTML 19Page - STMicroelectronics STP6N52K3 Datasheet HTML 20Page - STMicroelectronics STP6N52K3 Datasheet HTML 21Page - STMicroelectronics STP6N52K3 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Packaging mechanical data
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
20/22
Doc ID 14994 Rev 2
Figure 31.
Tape
Figure 32.
Reel
LEADER
No components
Components
No components
TRAILER
100mm min
Start
160mm
min
400mm min.
LEADER AND TRAILER
End
Sealed with cover tape
User Direction of Feed
Top
Cover
tape
AM08852v1
A
D
B
Full radius
Tape slot
In core for
Tape start
G measured
At hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At slot location
T
AM08851v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com