Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB85NS04Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB85NS04Z
Description  Low capacitance and gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NS04Z Datasheet(HTML) 3 Page - STMicroelectronics

  STB85NS04Z Datasheet HTML 1Page - STMicroelectronics STB85NS04Z Datasheet HTML 2Page - STMicroelectronics STB85NS04Z Datasheet HTML 3Page - STMicroelectronics STB85NS04Z Datasheet HTML 4Page - STMicroelectronics STB85NS04Z Datasheet HTML 5Page - STMicroelectronics STB85NS04Z Datasheet HTML 6Page - STMicroelectronics STB85NS04Z Datasheet HTML 7Page - STMicroelectronics STB85NS04Z Datasheet HTML 8Page - STMicroelectronics STB85NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
STB85NS04Z - STB85NS04Z-1
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS=0)
33 (1)
1.
Voltage is limited by zener diodes
V
VGS
Gate-source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
80 (2)
2.
Current limited by wire bonding
A
ID
Drain current (continuous) at TC = 100°C
60
A
IDG
Drain gate current (continuous)
± 50
mA
IGS
Gate source current (continuous)
± 50
mA
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
Derating factor
1.43
W/°C
PTOT
Total dissipation at TC = 25°C
215
W
VESD(G-S)
Gate-source ESD (HBM-C=100pF, R=1.5k
Ω)2
kV
VESD(G-D)
Gate-drain ESD (HBM-C=100pF, R=1.5k
Ω)4
kV
VESD(D-S)
Drain-source ESD (HBM-C=100pF, R=1.5k
Ω)4
kV
Tj
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK
I²PAK
Rthj-case
Thermal resistance junction-case max
0.7
°C/W
Rthj-pcb (1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
35
--
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com