Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD26P3LLH6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STD26P3LLH6
Description  Low gate input resistance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 10Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 11Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 12Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 13Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 14Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 15Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DocID023574 Rev 5
15/16
STD26P3LLH6
Revision history
16
6
Revision history
Table 11. Document revision history
Date
Revision
Changes
22-Aug-2012
1
First release
31-Jan-2013
2
– Modified: R
DS(on)
on the title,
Features table and Table 5
– Modified: typical values on
Table 6, 7, 8
– Modified: V
SD
max value on
Table 8
– Updated:
Section 4: Package mechanical data
16-Jul-2013
3
– Modified: V
GS
and I
D
=100 °C values in
Table 2
– Modified: R
DS(on)
max value in
Table 5, Figure 13, 14 and 15
– Inserted:
Section 2.1: Electrical characteristics (curves)
10-Sep-2013
4
– Updated Q
g
value in
Table 6: Dynamic.
06-Feb-2014
5
– Added:
Table 4: Avalanche characteristics
– Modified:
Figure 2, 5 and 12
– Updated:
Section 4: Package mechanical data
– Added:
Figure 16, 17 and 18
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com