Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF140N8F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF140N8F7
Description  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF140N8F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STF140N8F7 Datasheet HTML 1Page - STMicroelectronics STF140N8F7 Datasheet HTML 2Page - STMicroelectronics STF140N8F7 Datasheet HTML 3Page - STMicroelectronics STF140N8F7 Datasheet HTML 4Page - STMicroelectronics STF140N8F7 Datasheet HTML 5Page - STMicroelectronics STF140N8F7 Datasheet HTML 6Page - STMicroelectronics STF140N8F7 Datasheet HTML 7Page - STMicroelectronics STF140N8F7 Datasheet HTML 8Page - STMicroelectronics STF140N8F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STF140N8F7
4/12
DocID023888 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0, ID = 250 µA
80
V
IDSS
Zero gate voltage
Drain current
VGS = 0, VDS = 80 V
1
µA
VGS = 0, VDS = 80 V,
TJ=125 °C
10
µA
IGSS
Gate-source leakage
current
VDS = 0, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 32 A
3.5
4.3
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 40 V,
f = 1 MHz
-
6340
-
pF
Coss
Output capacitance
-
1195
-
pF
Crss
Reverse transfer capacitance
-
105
-
pF
Qg
Total gate charge
VDD = 40 V, ID = 64 A,
VGS = 10 V
-
96
-
nC
Qgs
Gate-source charge
-
30
-
nC
Qgd
Gate-drain charge
-
26
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 40 V, ID = 45 A RG =
4.7 Ω,
VGS = 10 V
-
26
-
ns
tr
Rise time
-
51
-
ns
td(off)
Turn-off-delay time
-
82
-
ns
tf
Fall time
-
44
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
64
A
ISDM(1)
Source-drain current (pulsed)
-
256
A
VSD (2)
Forward on voltage
VGS = 0, ISD = 64 A
-
1.2
V
trr
Reverse recovery time
ISD = 64 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
-
58
ns
Qrr
Reverse recovery charge
-
92
nC
IRRM
Reverse recovery current
-
3.2
A
Notes:
(1)Pulse width is limited by safe operating area
(2)Pulse test: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com