Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 177 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 177 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 173Page - Silicon Laboratories EM357-RTR Datasheet HTML 174Page - Silicon Laboratories EM357-RTR Datasheet HTML 175Page - Silicon Laboratories EM357-RTR Datasheet HTML 176Page - Silicon Laboratories EM357-RTR Datasheet HTML 177Page - Silicon Laboratories EM357-RTR Datasheet HTML 178Page - Silicon Laboratories EM357-RTR Datasheet HTML 179Page - Silicon Laboratories EM357-RTR Datasheet HTML 180Page - Silicon Laboratories EM357-RTR Datasheet HTML 181Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 241 page
background image
177
Rev 1.3
Bits in INT_ADCFLAG register may be cleared by writing a 1 to their position. Writing 0 to any bit in the
INT_ADCFLAG register is ineffectual.
The INT_ADCCFG register controls whether or not INT_ADCFLAG register bits actually propagate the ADC
interrupt to the NVIC. Only the events whose bits are 1 in the INT_ADCCFG register can do so.
For non-interrupt (polled) ADC operation set the INT_ADCCFG register to zero, and read the bit flags in the
INT_ADCFLAG register to determine the ADC status.
Note:
When making changes to the ADC configuration it is best to disable the DMA beforehand. If this isn’t done it can be diffi-
cult to determine at which point the sampled data in the DMA buffer switched from the old configuration to the new con-
figuration. However, since the ADC will be left running, if it completes a conversion after the DMA is disabled, the
INT_ADCOVF flag will be set. To prevent these unwanted DMA buffer overflow indications, clear the INT_ADCOVF flag
immediately after enabling the DMA, preferably with interrupts off. Disabling the ADC in addition to the DMA is often
undesirable because of the additional analog startup time when it is re-enabled.
10.3. Operation
Setting the ADC_EN bit in the ADC_CFG register enables the ADC. Once the ADC is enabled, it performs
conversions continuously until it is disabled. If the ADC had previously been disabled, a 21 µs analog startup delay
is automatically imposed before the ADC starts conversions. The delay timing is performed in hardware and is
simply added to the time until the first conversion result is output.
When the ADC is first enabled, and/or if any change is made to ADC_CFG after it is enabled, the time until a result
is output is double the normal sample time. This is because the ADC’s internal design requires it to discard the first
conversion after startup or a configuration change. This is done automatically and is hidden from software.
Switching the system clock between OSCHF and OSC24M also causes the ADC to go through this startup cycle. If
the ADC was newly enabled, the analog delay time is added to the doubled sample time.
If the DMA is running when the ADC_CFG register is modified, the DMA does not stop, so the DMA buffer may
contain conversion results from both the old and new configurations.
The following procedure illustrates a simple polled method of using the ADC without DMA. This assumes that any
GPIOs and the voltage reference have already been configured.
1. Disable all ADC interrupts: Write 0 to the INT_ADCCFG register.
2. Write the desired offset and gain correction values to the ADC_OFFSET and ADC_GAIN registers.
3. Write the desired conversion configuration, with the ADC_EN bit set, to ADC_CFG register.
4. Clear the ADC data flag: Write the INT_ADCDATA bit to INT_ADCFLAG register.
5. Wait until the INT_ADCDATA bit is set in INT_ADCFLAG register, then read the result, as a 16-bit signed
variable, from the ADC_DATA register.
The following procedure illustrates a simple polled method of using the ADC with DMA. After completing the
procedure, the latest conversion results are available in the location written to by the DMA. This assumes that any
GPIOs and the voltage reference have already been configured.
1. Allocate a 16-bit signed variable, for example analogData, to receive the ADC output.
(Make sure that analogData is half-word aligned – that is, at an even address.)
2. Disable all ADC interrupts: Write 0 to the INT_ADCCFG register.
3. Set up the DMA to output conversion results to the variable, analogData.
Reset the DMA: Set the ADC_DMARST bit in ADC_DMACFG register.
Define a one sample buffer: Write analogData’s address to the ADC_DMABEG register and set the
ADC_DMASIZE register to 1.
4. Write the desired offset and gain correction values to the ADC_OFFSET and ADC_GAIN registers.
5. Start the ADC and the DMA.
Write the desired conversion configuration, with the ADC_EN bit set, to the ADC_CFG register.
Clear the ADC buffer full flag: Write the INT_ADCULDFULL bit to the INT_ADCFLAG register.
Start the DMA in auto wrap mode: Set the ADC_DMAAUTOWRAP and ADC_DMALOAD bits in the
ADC_DMACFG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com