Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 180 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 180 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 176Page - Silicon Laboratories EM357-RTR Datasheet HTML 177Page - Silicon Laboratories EM357-RTR Datasheet HTML 178Page - Silicon Laboratories EM357-RTR Datasheet HTML 179Page - Silicon Laboratories EM357-RTR Datasheet HTML 180Page - Silicon Laboratories EM357-RTR Datasheet HTML 181Page - Silicon Laboratories EM357-RTR Datasheet HTML 182Page - Silicon Laboratories EM357-RTR Datasheet HTML 183Page - Silicon Laboratories EM357-RTR Datasheet HTML 184Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 241 page
background image
Rev 1.3
180
Table 10.7 describes the key ADC parameters measured on Silicon Labs’ EM357 reference design at 25 °C and
VDD_PADS at 3.0 V, for a sampling rate of 6 MHz. The single-ended measurements were done at finput = 7.7%
fNyquist, 0 dBFS level (where full-scale is a 1.2 V p-p swing). The differential measurements were done at
finput = 7.7% fNyquist; –6 dBFS level (where full-scale is a 2.4 V p-p swing) and a common mode voltage of 0.6 V.
Table 10.7. ADC Module Key Parameters for 6 MHz Sampling
Parameter
Performance
ADC_PERIOD
0
1
2
3
4
5
6
7
Conversion Time (µs)
5.33
10.7
21.3
42.7
85.3
171
341
683
Nyquist Freq (kHz)
93.8k
46.9k
23.4k
11.7k
5.86k
2.93k
1.47k
732
3 dB Cut-off (kHz)
56.6k
28.3k
14.1k
7.07k
3.54k
1.77k
884
442
INL (codes peak)1
0.084
0.084
0.15
0.274
0.518
1.057
2.106
4.174
INL (codes RMS)1
0.046
0.044
0.076
0.147
0.292
0.58
1.14
2.352
DNL (codes peak)1
0.026
0.023
0.044
0.052
0.096
0.119
0.196
0.371
DNL (codes RMS)1
0.007
0.009
0.013
0.015
0.024
0.03
0.05
0.082
ENOB
(from single-cycle test)
5.6
7.0
8.5
10.0
11.4
12.6
13.1
13.2
SNR (dB)2
Single-Ended
Differential
35
35
44
44
53
53
62
62
70
71
75
77
76
79
77
80
SINAD (dB)2
Single-Ended
Differential
35
35
44
44
53
53
62
62
68
70
71
75
71
77
71
77
SDFR (dB)
Single-Ended
Differential
60
60
68
69
75
77
75
80
75
80
75
80
75
80
75
80
THD (dB)
Single-Ended
Differential
–45
–45
–54
–54
–63
–63
–68
–71
–70
–76
–70
–77
–70
–78
–70
–78
ENOB (from SNR)2
Single-Ended
Differential
5.6
5.6
7.1
7.1
8.6
8.6
10.0
10.1
11.4
11.5
12.1
12.5
12.4
12.9
12.5
13.0
ENOB (from SINAD)2
Single-Ended
Differential
5.5
5.6
7.0
7.1
8.5
8.6
9.9
10.1
11.0
11.4
11.4
12.4
11.5
12.8
11.5
13.0
Equivalent ADC Bits1
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
13
[15:3]
14
[15:2]
Notes:
1.
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of this table.
2.
ENOB (effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or SINAD
(signal-to-noise and distortion ratio).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com