Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 223 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 223 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 219Page - Silicon Laboratories EM357-RTR Datasheet HTML 220Page - Silicon Laboratories EM357-RTR Datasheet HTML 221Page - Silicon Laboratories EM357-RTR Datasheet HTML 222Page - Silicon Laboratories EM357-RTR Datasheet HTML 223Page - Silicon Laboratories EM357-RTR Datasheet HTML 224Page - Silicon Laboratories EM357-RTR Datasheet HTML 225Page - Silicon Laboratories EM357-RTR Datasheet HTML 226Page - Silicon Laboratories EM357-RTR Datasheet HTML 227Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 241 page
background image
Rev 1.3
223
20. Package
The EM35x package is a plastic 48-pin QFN that is 7 mm x 7 mm. Figure 20.1 illustrates the package drawing.
Figure 20.1. Package Drawing
20.1. QFN48 Footprint Recommendations
Figure 20.2 demonstrates the IPC-7351 recommended PCB Footprint for the EM35x (QFN50P700X700X90-49N).
A ground pad in the bottom center of the package forms a 49th pin.
A 3 x 3 array of non-thermal vias should connect the EM35x decal center shown in Figure 20.2 to the PCB ground
plane through the ground pad. To properly solder the EM35x to the footprint, the Paste Mask layer should have a
3 x 3 array of circular openings at 1.015 mm diameter spaced approximately 1.625 mm (center to center) apart, as
shown in Figure 20.3. This will cause an evenly distributed solder flow and coplanar attachment to the PCB. The
solder mask layer (illustrated in Figure 20.4) should be the same as the copper layer for the EM35x footprint.
For more information on the package footprint, please refer to the appropriate EM35x Reference Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com